Part Number Hot Search : 
74HC03N H11C3300 4000T 50N10 4000T LM64P70 4000T LT1078C
Product Description
Full Text Search
 

To Download SUINT3000XL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartonline 220-240v 3kva 2.1kw on-line double-conversion ups, snmp, webcard, tower, c20 inlet, db9 serial model number: SUINT3000XL description tripp lite's smartonline SUINT3000XL on-line, double-conversion ups protects critical server, networking and telecommunications equipment from blackouts, voltage fluctuations and transient surges. space-saving upright tower format. large capacity 3000va/2100w ups continuously converts incoming ac to dc, then back to perfect sine wave ac output at selectable 220/230/240v ac (+/-2%). removes harmonic distortion, fast electrical impulses, frequency fluctuations and other hard-to-solve power problems not addressed by other ups types. true sine wave output and zero transfer time offers guaranteed compatibility with all equipment types. includes 8 c13 outlets. battery support can be extended through the addition of external battery packs (part# bp72v18). includes slot for internal snmp/web card, plus db9 enhanced serial monitoring port for unattended shutdown, remote control and monitoring of ups system and power data. features true on-line, double conversion ups provides pure sine wave ac output at all times maintains continuous operation with zero transfer time through blackouts, voltage fluctuations and surges removes harmonic distortion, electrical impulses, frequency variations and other hard-to-solve power problems corrects brownouts and overvoltages from 175-280v at full load. input voltage range extends to 80-280v at 50% load or less 3000va/2100w power capacity with 8 c13 outlets iec320-c20 input connection accepts a variety of detachable cordsets to match country or site-specific wall receptacles standard internal battery set provides 14 min. runtime at half load and 5 min. runtime at full load expandable runtime with multiple external battery packs (part# bp72v18 multi-pack compatible) db9 serial port for network interface; snmp compatible slot for optional snmp/web card (part# snmpwebcard) poweralert unattended shutdown software and network cable included fault tolerant electronic bypass maintains utility output during a variety of ups fault conditions diagnostic leds optional pdubhv20 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment highlights 3000va on-line, double-conversion, extended-run tower ups system maintains 220/230/240v selectable output within +/-2% during overvoltages to 280v and brownouts as low as 80v (50/60hz auto-sensing) network communications supported via serial port and snmp/web card slot fault-tolerant auto-bypass and current monitoring input: c20 inlet / output: 8 x c13 outlets (3 x c13-to-c14 jumper cables included) package includes SUINT3000XL ups system poweralert sofware cd-rom and cabling 3 c13-to-c14 jumper cables owner's manual with warranty information 1 / 5
3 c13-to-c14 jumper cables included specifications output output volt amp capacity (va) 3000 output kva capacity (kva) 3 output watt capacity (watts) 2100 output kw capacity (kw) 2.1 power factor 0.7 crest factor 3:1 nominal output voltage(s) supported 220v; 230v; 240v nominal voltage details 230v default frequency compatibility 50 / 60 hz frequency compatibility details output frequency matches input nominal on startup, defaults to 50 hz on cold-start output voltage regulation (line mode) +/- 2% output voltage regulation (economy line mode) +/- 10% output voltage regulation (battery mode) +/- 2% output receptacles (8) c13 included output power cables includes 3 c13 to c14 output power cables hot-swap pdu options pdubhv20 (2u / 6 c13, 2 c19 outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (maximum load) 13.6a (220v), 13a (230v), 12.5a (240v) nominal input voltage(s) supported 220v ac; 230v ac; 240v ac ups input connection type c20 inlet ups input connection description iec320-c20 input connection accepts a variety of detachable cordsets to match country or site-specific wall receptacles input circuit breakers 20a input phase single-phase battery 2 / 5
full load runtime (min.) 5 min. (2100w) half load runtime (min.) 14 min. (1050w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp72v15-2u (limit 1); bp72v28rt-3u (multi-pack compatible) dc system voltage (vdc) 72 battery recharge rate (included batteries) less than 6 hours from 10% to 90% battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description online, double-conversion power conditioning overvoltage correction 2% output voltage regulation during overvoltages to 280 undervoltage correction 2% output voltage regulation during undervoltages to 175 severe undervoltage correction 2% output voltage regulation during undervoltages to 80 (under 50% load only) user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch audible alarm audible alarm indicates ups startup, power-failure, low-battery, overload, ups fault and remote shutdown conditions led indicators 14 leds indicate line power, online mode, economy/bypass mode, on-battery, overload, battery low, replace battery and fault status information; 4-led meter displays load and battery charge levels surge / noise suppression ups ac suppression joule rating 570 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical primary form factor tower ups power module dimensions (hwd, in.) 14.7 x 5.5 x 16.7 ups power module dimensions (hwd, cm) 37.3 x 14 x 42.4 ups power module weight (lbs.) 67.2 ups power module weight (kg) 30.5 ups shipping dimensions (hwd / in.) 19.4 x 9.8 x 23.8 ups shipping dimensions (hwd / cm) 49.3 x 24.9 x 60.5 3 / 5
shipping weight (lbs.) 73.8 shipping weight (kg) 33.5 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 793.3 ac economy mode btu / hr. (full load) 455.7 battery mode btu / hr. (full load) 973.6 ac mode efficiency rating (100% load) 90% ac economy mode efficiency rating (100% load) 94% audible noise < 45 db at front side 1m communications communications interface db9 serial; contact closure; slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions; db9 port supports rs232 and contact closure communications poweralert software included communications cable db9 cabling included line / battery transfer transfer time no transfer time (0 ms.) in online, double-conversion mode low voltage transfer to battery power (setpoint) 175v (100% load), 80v ( <50% load) high voltage transfer to battery power (setpoint) 280 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features automatic inverter bypass certifications ups certifications ce 4 / 5
ups certification details ce en62040-1-1, en62040-2 class a warranty product warranty period (worldwide) 2-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SUINT3000XL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X